Part Number Hot Search : 
OP58TS 39000 SP6648EU L36851 74HC5950 UDZS20B E002527 MC140
Product Description
Full Text Search
 

To Download TCJS226M006-0400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCJ Series
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
* Conductive polymer electrode reduces ignition failure mode * Lower ESR * 3x reflow 260C compatible * CV range: 1.0-220F / 2.5-35V * 11 case sizes available
LEAD-FREE COMPATIBLE COMPONENT
CASE DIMENSIONS: millimeters (inches)
Code A B C G H K For part marking see page 132 P R S T W EIA Code 1206 1210 2312 1206 1210 1206 0805 0805 1206 1210 2312 EIA Metric 3216-18 3528-21 6032-28 3216-15 3528-15 3216-10 2012-15 2012-12 3216-12 3528-12 6032-15 L0.20 W+0.20 (0.008) H+0.20 (0.008) (0.008) -0.10 (0.004) -0.10 (0.004) 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 6.00 (0.236) 3.20 (0.126) 2.60 (0.102) 3.20 (0.126) 1.60 (0.063) 1.50 (0.059) max 3.50 (0.138) 2.80 (0.110) 1.50 (0.059) max 3.20 (0.126) 1.60 (0.063) 1.00 (0.039) max 2.05 (0.081) 2.05 (0.081) 3.20 (0.126) 3.50 (0.138) 6.00 (0.236) 1.35 (0.050) 1.30 (0.051) 1.60 (0.063) 2.80 (0.110) 3.20 (0.126) 1.50 (0.059) max 1.20 (0.047) max 1.20 (0.047) max 1.20 (0.047) max 1.50 (0.059) max W10.20 (0.008) 1.20 (0.047) 2.20 (0.087) 2.20 (0.087) 1.20 (0.047) 2.20 (0.087) 1.20 (0.047) 1.00.1 (0.0390.004) 1.00.1 (0.0390.004) 1.20 (0.047) 2.20 (0.087) 2.20 (0.087) A+0.30 (0.012) -0.20 (0.008) 0.80 (0.031) 0.80 (0.031) 1.30 (0.051) 0.80 (0.031) 0.80 (0.031) 0.80 (0.031) 0.50 (0.020) 0.50 (0.020) 0.80 (0.031) 0.80 (0.031) 1.30 (0.051) S Min. 1.10 (0.043) 1.40 (0.055) 2.90 (0.114) 1.10 (0.043) 1.40 (0.055) 1.10 (0.043) 0.85 (0.033) 0.85 (0.033) 1.10 (0.043) 1.40 (0.055) 2.90 (0.114)
W1 dimension applies to the termination width for A dimensional area only.
HOW TO ORDER TCJ A
Type Case Size See table above
226
Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow)
M
Tolerance M=20%
004
Rated DC Voltage 002=2.5Vdc 004=4Vdc 006=6.3Vdc 010=10Vdc 016=16Vdc 020=20Vdc 025=25Vdc 035=35Vdc
R
Packaging R=7" T/R S=13" T/R
0300
ESR in m
TECHNICAL SPECIFICATIONS
Technical Data: Capacitance Range: Capacitance Tolerance: Leakage Current DCL: Rated Voltage (VR) Category Voltage (VC) Category Voltage (VC) Surge Voltage (VS) Surge Voltage (VS) Surge Voltage (VS) Temperature Range: Reliability:
+85C: +105C: +125C: +85C: +105C: +125C:
All technical data relate to an ambient temperature of +25C 1.0 F to 220 F 20% 0.1CV 2.5 4 6.3 10 16 20 25 1.7 3.3 2.7 5.2 4 8 7 13 10 20 13 26 17 32
35 28 46 28
2.2 3.4 5 8 13 16 20 -55C to +125C, -55C to +105C (35V) 1% per 1000 hours at 85C, VR with 0.1/V series impedance, 60% confidence level
50
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)
Capacitance F Code 1.0 105 4.7 475 6.8 685 10 15 22 33 106 156 226 336 A(300) A(300) A(300) 2.5V (e) 4V (G) Rated Voltage DC (VR) to 85C 6.3V (J) 10V (A) 16V (C) K(500), R(500) A(300), R(500) A(300) A(300), K(400) S(400), T(150) A(200) B(70,200) T(150) A(200), B(70) K(400), P(500) T(80,120) B(55), C(100) W(70) B(45,70) A(200), B(45,70) H(200), W(40,70) Y(25,40)* B(200) A(300) A(200) B(300), T(150) B(70,200) C(100) T(70,150) B(70), C(100) A(200) A(200), B(200) T(150,200) B(150) B(150) Y(70)* C(200) 25V (E) P(500) 35V (V)
47 68 100 150 220
476 686 107 157 227 A(250) A(200), B(70) B(70)
A(200), T(80) A(250), B(70) T(80) A(200), B(70) G(300), T(150) B(70) B(45,70)
Available Ratings, (ESR ratings in mOhms in brackets) Engineering samples - please contact manufacturer *Codes under development - subject to change Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
51
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL DF ESR (A) % Max. (m) Max. Max. @100kHz 100kHz RMS Current (mA) 25C 85C 125C 100kHz RMS Voltage (mV) 25C 85C 125C
2.5 Volt @ 85C (1.7 Volt @ 125C)
TCJA686M002#0250 TCJA107M002#0200 TCJB107M002#0070 TCJB157M002#0070 TCJA156M004#0300 TCJA226M004#0300 TCJA336M004#0300 TCJA476M004#0200 TCJT476M004#0080 TCJA686M004#0250 TCJB686M004#0070 TCJT686M004#0080 TCJA107M004#0200 TCJB107M004#0070 TCJG107M004#0300 TCJT107M004#0150 TCJB157M004#0070 TCJB227M004#0045 TCJB227M004#0070 TCJA106M006#0300 TCJR106M006#0500 TCJA156M006#0300 TCJA226M006#0300 TCJK226M006#0400 TCJS226M006#0400 TCJT226M006#0150 TCJA336M006#0200 TCJB336M006#0070 TCJB336M006#0200 TCJT336M006#0150 TCJA476M006#0200 TCJB476M006#0070 TCLP476M006#0500 TCJK476M006#0400 TCJT476M006#0080 TCJT476M006#0120 TCJB686M006#0055 TCJC686M006#0100 TCJW686M006#0070 TCJB107M006#0045 TCJB107M006#0070 TCJA157M006#0200 TCJB157M006#0045 TCJB157M006#0070 TCJH157M006#0200 TCJW157M006#0040 TCJW157M006#0070 TCJB227M006#0200 A A B B A A A A T A B T A B G T B B B A R A A K S T A B B T A B P K T T B C W B B A B B H W W B 68 100 100 150 15 22 33 47 47 68 68 68 100 100 100 100 150 220 220 10 10 15 22 22 22 22 33 33 33 33 47 47 47 47 47 47 68 68 68 100 100 150 150 150 150 150 150 220 2.5 2.5 2.5 2.5 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 17.0 25.0 25.0 37.5 6.0 8.8 13.2 18.8 18.8 27.2 27.2 27.2 40.0 40.0 40.0 40.0 60.0 88.0 88.0 6.0 6.0 9.0 13.2 13.2 13.2 13.2 19.8 19.8 19.8 19.8 28.2 28.2 28.2 28.2 28.2 28.2 40.8 40.8 40.8 60.0 60.0 90.0 90.0 90.0 90.0 90.0 90.0 132.0 6 6 6 6 6 6 6 6 8 6 6 8 6 8 10 8 6 10 10 6 6 6 6 8 8 6 6 6 6 8 6 6 10 6 8 8 8 6 8 10 10 10 10 10 6 6 6 10 250 200 70 70 300 300 300 200 80 250 70 80 200 70 300 150 70 45 70 300 500 300 300 400 400 150 200 70 200 150 200 70 500 400 80 120 55 100 70 45 70 200 45 70 200 40 70 200 548 612 1102 1102 500 500 500 612 1000 548 1102 1000 612 1102 483 730 1102 1374 1102 500 332 500 500 403 403 730 612 1102 652 730 612 1102 346 403 1000 816 1102 1049 1134 1374 1102 612 1374 1102 632 1500 1134 652 493 551 992 992 450 450 450 551 900 493 992 900 551 992 435 657 992 1237 992 450 298 450 450 363 363 657 551 992 587 657 551 992 312 363 900 735 992 944 1021 1237 992 551 1237 992 569 1350 1021 587 219 245 441 441 200 200 200 245 400 219 441 400 245 441 193 292 441 550 441 200 133 200 200 161 161 292 245 441 261 292 245 441 139 161 400 327 441 420 454 550 441 245 550 441 253 600 454 261 137 122 77 77 150 150 150 122 80 137 77 80 122 77 145 110 77 62 77 150 166 150 150 161 161 110 122 77 130 110 122 77 173 161 80 98 77 105 79 62 77 122 62 77 126 60 79 130 123 110 69 69 135 135 135 110 72 123 69 72 110 69 130 99 69 56 69 135 149 135 135 145 145 99 110 69 117 99 110 69 156 146 72 88 69 94 71 56 69 110 56 69 114 54 71 117 55 49 31 31 60 60 60 49 32 55 31 32 49 31 58 44 31 25 31 60 66 60 60 64 64 44 49 31 52 44 49 31 69 64 32 39 31 42 32 25 31 49 25 31 51 24 32 52
4 Volt @ 85C (2.7 Volt @ 125C)
6.3 Volt @ 85C (4 Volt @ 125C)
# insert R for 7" reel or S for 13" reel All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5 RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. TCJ series is MSL level 3 according to J-STD-020C. ESR allowed to move up too 1.25 times catalog limit post mouting.
NOTE: AVX reserves the right to supply a higher voltage rating in the same case size, to the same reliability standards.
52
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL DF ESR (A) % Max. (m) Max. Max. @100kHz 100kHz RMS Current (mA) 25C 85C 125C 100kHz RMS Voltage (mV) 25C 85C 125C
10 Volt @ 85C (7 Volt @ 125C)
TCJK475M010#0500 TCJR475M010#0500 TCJA106M010#0300 TCJA156M010#0200 TCJB226M010#0300 TCJT226M010#0150 TCJB336M010#0070 TCJB336M010#0200 TCJC336M010#0100 TCJT336M010#0070 TCJT336M010#0150 TCJB476M010#0070 TCJC476M010#0100 TCJA685M016#0200 TCJA106M016#0200 TCJB106M016#0200 TCJT106M016#0150 TCJT106M016#0200 TCJB156M016#0150 TCJB226M016#0150 TCJP105M025#0500 TCJC106M035#0200 K R A A B T B B C T T B C A A B T T B B P C 4.7 4.7 10 15 22 22 33 33 33 33 33 47 47 6.8 10 10 10 10 15 22 1.0 10 10 10 10 10 10 10 10 10 10 10 10 10 10 16 16 16 16 16 16 16 25 35 4.7 4.7 10.0 15.0 22.0 22.0 33.0 33.0 33.0 33.0 33.0 47.0 47.0 10.9 16.0 16.0 16.0 16.0 24.0 35.2 2.5 35 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 500 500 300 200 300 150 70 200 100 70 150 70 100 200 200 200 150 200 150 150 500 200 346 332 500 612 532 730 1102 652 1049 1069 730 1102 1049 612 612 652 730 632 753 753 346 742 312 298 450 551 479 657 992 587 944 962 657 992 944 551 551 587 657 569 677 677 312 667 139 133 200 245 213 292 441 261 420 428 292 441 420 245 245 261 292 253 301 301 139 482 173 166 150 122 160 110 77 130 105 75 110 77 105 122 122 130 110 126 113 113 173 148 156 149 135 110 144 99 69 117 94 67 99 69 94 110 110 117 99 114 102 102 156 133 69 66 60 49 64 44 31 52 42 30 44 31 42 49 49 52 44 51 45 45 69 96
16 Volt @ 85C (10 Volt @ 125C)
25 Volt @ 85C (17 Volt @ 125C) 35 Volt @ 85C (28 Volt @ 105C)
# insert R for 7" reel or S for 13" reel All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5 RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. TCJ series is MSL level 3 according to J-STD-020C. ESR allowed to move up to 1.25 times catalog limit post mounting. NOTE: AVX reserves the right to supply a higher voltage rating in the same case size, to the same reliability standards.
120% 100% 100% 80% 80% 60% 40% 20% 0% -55C 0C 85C 105C 125C 80% 67% 67% 53% 100% 83%
Voltage Derating vs Temperature Recommendation
rated range recommended derating
53


▲Up To Search▲   

 
Price & Availability of TCJS226M006-0400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X